Part Number Hot Search : 
ILX506 SMBJ33A TF0100A BC850B MBM29 ECG2981 2SJ26 TGT100
Product Description
Full Text Search
 

To Download L2SA2030M3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Low frequency transistor
The transistor of 500mA class which went only into 2125 size conventionally was attained in 1608 sizes or 1208 sizes. Applications For switching, for muting. PNP Features 1) A collector current is large. 2) Collector saturation voltage is low. VCE (sat) 250mA At IC = -200mA / IB = -10mA 3) We declare that the material of product compliance with RoHS requirements.
1 2
L2SA2030M3T5G
3
SOT -723
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits -15 -12 -6 -500 -1 150 150 -55 to +150 Unit V V V mA A mW C C
3 COLLECTOR
1
BASE
Collector power dissipation Junction temperature Storage temperature
Single pulse, Pw=1ms
2 EMITTER
Electrical characteristics (Ta=25C)
Parameter Symbol Min. Typ. - Collector-base breakdown voltage BVCBO -15 Collector-emitter breakdown voltage BVCEO -12 - - -6 Emitter-base breakdown voltage BVEBO - - Collector cutoff current ICBO IEBO Emitter cutoff current - - DC current transfer ratio hFE 270 - - -100 Collector-emitter saturation voltage VCE (sat) fT Transition frequency - 260 Output capacitance Cob - 6.5 Max. Unit Conditions - V IC= -10A - V IC= -1mA V IE= -10A - -100 nA VCB= -15V -100 nA VEB= -6V VCE= -2V / IC= -10mA 680 - -250 mV IC= -200mA / IB= -10mA - MHz VCE= -2V, IE=10mA, fT=100MHz - pF VCB= -10V, IE=0A, f=1MHz
Device marking and ordering information
Device Marking Shipping 4000/Tape&Reel
L2SA2030M3T5G
BW
1/3
LESHAN RADIO COMPANY, LTD.
L2SA2030M3T5G
Electrical characteristic curves
1000 VCE=2V
1000 500
VCE=2V
1000 500
IC / IB=20
COLLECTOR CURRENT : IC (mA)
500 200 100 50 20 10 5 2 1 0 0.5 1.0 1.5
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
DC CURRENT GAIN : hFE
Ta=125C Ta=25C Ta= -40C
200 100 50 20 10 5 2 1 1 2 5 10 20 50 100 200 500 1000
Ta=125C Ta=25C Ta= -40C
200 100 50 20 10 5 2 1 1 2 5 10 20 50 100 200 500 1000
Ta=125C Ta=25C Ta= -40C
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.1 Grounded Emitter Propagation Characteristics
Fig.2 DC Current Gain vs. Collector Current
BASER SATURATION VOLTAGE : VBE (sat) (mV)
10000 5000 2000 1000 500 200 100 50 20 10 1 2 5 10 20 50 100 200 500 1000
Ta= -40C Ta=25C Ta=125C
Fig.3 Collector-Emitter Saturation Voltage vs. Collector Current ()
1000
1000 500
TRANSITION FREQUENCY : fT (MHz)
Ta=25C
IC / IB=20
500 200 100 50 20 10 5 2 1 1 2 5 10 20
VCE=2V Ta=25C
COLLECTOR SATURATION VOLTAGE : VCE (sat) (mV)
200 100 50 20 10 5 2 1 1 2 5 10 20 50 100 200 500 1000
IC / IB=50 IC / IB=20 IC / IB=10
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IC (mA)
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current ()
EMITTER INPUT CAPACITANCE : Cib (pF) COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
1000 500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100
Cob Cib
Fig.5 Base-Emitter Saturation Voltage vs.Collecter Current
Fig.6 Gain Bandwidth Product vs. Emitter Current
IE=0A f=1MHz Ta=25C
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Collector Output Capacitance vs. Collector-Base Voltage Emitter Input Capacitance vs. Emitter-Base Voltage
2/3
LESHAN RADIO COMPANY, LTD.
L2SA2030M3T5G
SOT-723
-X- D b1 -Y-
3
A E
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
L C
HE
e
b 2X 0.08 (0.0032) X Y
DIM A b b1 C D E e HE L
MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.15 0.21 0.27 0.25 0.31 0.37 0.07 0.12 0.17 1.15 1.20 1.25 0.75 0.80 0.85 0.40 BSC 1.15 1.20 1.25 0.15 0.20 0.25
INCHES MIN NOM MAX 0.018 0.020 0.022 0.0059 0.0083 0.0106 0.010 0.012 0.015 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 BSC 0.045 0.047 0.049 0.0059 0.0079 0.0098
GENERIC MARKING DIAGRAM*
STYLE 1: PIN 1. BASE 2. EMITTER 3. COLLECTOR STYLE 2: PIN 1. ANODE 2. N/C 3. CATHODE STYLE 3: PIN 1. ANODE 2. ANODE 3. CATHODE STYLE 4: PIN 1. CATHODE 2. CATHODE 3. ANODE
XX M 1
SOLDERING FOOTPRINT FOR SOT-723
0.40 0.0157 0.40 0.0157 1.0 0.039 0.40 0.0157 XX M = Specific Device Code = Date Code
*This information is generic. Please refer to device data sheet for actual part marking. Pb-Free indicator, "G", may or not be present.
0.40 0.0157
0.40 0.0157
SCALE 20:1 mm inches
3/3


▲Up To Search▲   

 
Price & Availability of L2SA2030M3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X